Part Number Hot Search : 
2JA01 FL390 M41T56 AD7703CN MMBT222 LM386 LT511 25SC33M
Product Description
Full Text Search
 

To Download ACA5-20RM-3-AC4-RL-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACA5-20RM Series
True-rms-AC Ammeters with 5A CT Inputs
FEATURES
Scales and displays the true-rms output of 5A current transformers Accurately measure complex ac current waveforms Perfect for measuring current in IT applications Available in three input ranges: 0-100A, 0 to 200A, or 0 to 500A Functionally complete: On-board, low-burden toroid sensor Scaling/interface circuitry Precision A/D converter Reliable single-board construction Easy-to-read, red LED display with 0.37"/9.4mm digits Two AC power options: 85-140Vac & 170-264Vac (50/60Hz) 2000V isolation between ac supply and external CT Digital replacement for analog meters
Murata Power Solutions' ACA5-20RM Series accept the output of external 5A current transformers (CTs) and accurately display the true-rms value of complex, non-sinusoidal ac currents up to 500A. Operation and setup is straightforward: simply pass the external 5A CT's secondary 0-5A output leads through the ACA5-20RM's on-board toroid sensor, apply ac power, and the ammeter is fully operational. All models are totally self-contained--other than the external 5A CT, no other user-supplied components are required. Three input ranges measure 0-100.0 amps (with 0.1A resolution), 0-200 amps (0.1A resolution), and 0-500 amps (1A resolution). Two power supply options are available: 85-140V (47-63Hz), and 170-264V (47-63Hz). Power consumption from a nominal 120V or 220V ac supply is less than 50mA. And, precision auto-zeroing circuitry, super-stable components, and an rms-to-dc converter circuit combine to achieve excellent performance when measuring the complex, non-sinusoidal, ac currents found in today's computer/telecom equipment. ACA5-20RM Series rms ammeters feature full-size, 0.37" (9.4mm) high, 31/2 digit, bright red LED-displays and a built-in bezel/filter assembly that features metal fasteners. They are also panel-cutout compatible with Murata Power Solutions' DMS-20RM Series of rms-reading ac voltage monitors, making ACA5-20RM ammeters perfect replacements for older, less reliable, analog voltmeters and ammeters in today's sophisticated instrumentation.
PRECISION rms-to-DC CONVERTER
BUILT-IN TOROID SENSOR
L1 A B
TB1
For full details go to www.murata-ps.com/rohs
Figure 1. ACA5-20RM Series simplified schematic
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MPM_ACA5-20RM.A01 Page 1 of 5
ACA5-20RM Series
True-rms-AC Ammeters with 5A CT Inputs
Performance/Functional Specifications
Typical at TA = +25C, unless otherwise noted. Full-Scale Primary Current All Models Overcurrent Rating Min. - Typ. - Max. 5.0 Units rms Amps The specified full-scale current is the ac current circulating through the meter's built-in 5A current transformer's primary circuit L1 (i.e., the external current transformer's 0-5A output current). The overcurrent rating of 1.5 times the rated full-scale current is a continuous rms rating and applies to the current passing through the built in current transformer (CT). Accuracy is only guaranteed up to the rated full-scale CT current of 5Arms. Specified accuracy applies to inputs with crest factors (CF) up to 2.0, where CF = Vpeak/Vrms. Crest factors of 2 to 5 introduce an additional error of 3% of full scale. Ammeters are calibrated with a 5.00Arms/60Hz current flowing through the ammeter's built-in 5A CT. All specified maximum power supply currents are steady state; larger surge currents can occur at initial turn-on.
1.5 x Rated full-scale rms current
Display Readings with 5A Flowing through the Ammeter's Current Transformer Model Number ACA5-20RM-3-ACX-RL ACA5-20RM-5-ACX-RL ACA5-20RM-9-ACX-RL Performance Sampling Rate Accuracy Input Frequency Range Measurement Type Temperature Drift (0 to 60 C) Zero-Current Reading (within 30 sec.) Breakdown Voltage Power Supply Voltage ACA5-20RM-X-AC3-RL ACA5-20RM-X-AC4-RL Power Supply Current ACA5-20RM-X-AC3-RL ACA5-20RM-X-AC4-RL -- -- 30 30 50 50 mA/47-63Hz mA/47-63Hz 85 170 120 220 140 264 Vac/47-63Hz Vac/47-63Hz 2.5 Samples per second 0.4%FS 3 Counts with 60Hz Sine-Wave Input 47-63 Hz Display Reading 100.0 199.9 500
Ordering Information
ACA5-20RM-3-AC3-RL-C ACA5-20RM-3-AC4-RL-C ACA5-20RM-5-AC3-RL-C ACA5-20RM-5-AC4-RL-C ACA5-20RM-9-AC3-RL-C ACA5-20RM-9-AC4-RL-C 100.0A Range, 85-140Vac power 100.0A Range, 170-264Vac power 199.9A Range, 85-140Vac power 199.9A Range170-264Vac power 500A Range, 85-140Vac power 500A Range, 170-264Vac power
rms Responding, Crest Factors of 1-5 - -001 2000 0.2 000 - 0.4 001 - Cnts/C Cnts Vdc
Accessory Current Transformers for above*: 7020-01038-0 7020-01040-0 39-3681409 100A Current Transformer, RoHS compliant 200A Current Transformer, RoHS compliant 500A Current Transformer, not RoHS compliant
* See data sheet titled "Current Transformers" at www.murata-ps.com for more information
Power Supply Terminal Block (all models) Wire Size Insulation Strip Length Screw Tightening Torque Rated Voltage Display Display Type and Size Overrange Indication Display Reading/Decimal Point Physical/Environmental Operating Temperature Storage Temperature Humidity (non-condensing) Dimensions Weight All models 1.1 Ounces (31 grams) nominal 0 -40 - - - - +60 +75 85 C C % 31/2 Digit Red LED, 0.37"/9.4mm High "1___" Model dependent; see "Display Readings" above 16-22AWG, Solid or stranded 0.250 inches 3.6 pounds-inches (0.4Nm) 310Vac
TECHNICAL NOTES
IMPORTANT! To ensure safe and reliable operation, ACA5-20RM ammeters must be installed and serviced by qualified technical personnel. Contact Murata Power Solutions if there is any doubt regarding ammeter installation and/or operation. 1. Measurement Type: ACA5-20RM ac ammeters employ a true rms input circuit to measure the output of external 5A current transformers. Stated accuracy specifications are measured using a sine-wave current at, or close to, the full-scale input range, at nominal line frequency of 60Hz. 2. Calibration: Periodic recalibration of ACA5-20RM ammeters is not required under normal, indoor operating environments. If user calibration is necessary, it should be performed by qualified technical personnel. Calibration is performed with potentially lethal voltages applied to the ACA5-20RM and its associated wiring, with 5.0 amps flowing through the ammeter's built-in toroid sensor. A plastic, fully-insulated adjusting tool must be used to access the calibration potentiometer located on the back of the meter (see Mechanical Specifications). Contact MPS if additional information is required regarding calibration, setup, or any other technical issue pertaining to ACA5-20RM ammeters.
Model dependent, see page 4 & 5
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MPM_ACA5-20RM.A01 Page 2 of 5
ACA5-20RM Series
True-rms-AC Ammeters with 5A CT Inputs
3. Wire Gauges and Fusing: Wires specified in the Functional Specifications section must be used for making connections to ACA5-20RM Series ammeters. All power-supply and load wiring must be rated for the supply voltages and currents they will conduct and must comply with any code or application-mandated requirements pertaining to the user's specific installation. The supply wires connected to both the ammeter and the load must be fused according to the current rating of the wire gauge being used, in accordance with applicable regulatory codes. Also, wire insulation should be stripped to within +/-10% of the stated dimensions, and wires should be inserted into TB1 such that their insulation is not pinched by the screw terminal. TB1 is to be used only for powering the meter's internal circuitry; It must not be used to supply current to any external loads. All models draw minimal steady-state supply currents (50mA max.), and in most applications they can be fused according to the supply wire's maximum amperage rating. However, these models can draw significantly higher surge currents for brief periods when the ac line voltage is initially applied. 4. AC Supply Polarity and Grounding: The two supply inputs, TB1-A and TB1-B, on ACA5-20RM ammeters are not in themselves polarity sensitive, that is, they have no internal "AC LO" or "AC HI" designations. ACA5-20RM ammeters do not include or require a connection to earth/ chassis ground. 5. Connector Torque Ratings: It is important to tighten TB1's, screw-terminals to their rated torque specification of 3.6 pound-inches (0.4Nm). Proper tightening will minimize connector losses and ensure safe, reliable operation. 6. Isolation: The built-in toroid sensor (L1) provides a minimum of 2000Vdc isolation between the external CT's 5A secondary conductors and the ammeter supply voltage connected to TB1. 7. CT Precautions: In normal operation, a 5A CT's secondary circuit operates at a very low voltage due to its closed-loop operation and low burden resistance. However, a CT can still generate potentially lethal voltages if its output current is suddenly interrupted. For example, loose 5A CT secondary connections can cause a condition referred to as "inductive kick". Inductive kick can generate extremely high voltages across a CT's intermittent secondary connections. Therefore, implementing connections to any 5A current transformer's output leads must only be performed with zero load-current flowing the CT's primary load-circuit. 8. CT Connections and Grounding: Some applications require connecting one of the external 5A CT's output leads to earth/chassis ground. In the USA, consult the latest revision of the National Electrical Code (NEC) for more information regarding CT grounding. After all mechanical assembly is completed, connect the two output leads of the external 5A CT to each other after they are run through L1's center hole. Pressure-style connectors (commonly referred to as "wire nuts") are acceptable as long as they are rated for the number of conductors and voltage involved. 9. Replacing Analog Panel Meters: ACA5-20RM ammeters can be used as direct replacements for most analog panel meters driven by external 5A CT's. All wiring operations must be performed with both the load and the supply power sources completely de-energized.
BACK VIEW
A FUSED AC POWER B TB1
L1
Figure 2. Typical wiring diagram
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MPM_ACA5-20RM.A01 Page 3 of 5
ACA5-20RM Series
True-rms-AC Ammeters with 5A CT Inputs
PANEL INSTALLATION
All connections to ACA-20RM Series ammeters must be made after the ammeter is securely attached to the panel and with all associated load and supply voltages de-energized (off), using extreme caution and observing all safety measures applicable to the user's installation. Care should be exercised when passing conductors through the ammeter's built-in toroid sensor L1. The installed wire-positions should be such that minimal mechanical forces are applied to L1, TB1, or to the ammeter itself. In high-vibration environments, it is strongly recommended that adequate strain reliefs be used for all wiring. Using Figure 3 as a guide, carefully insert the bezel/color filter assembly into the panel opening. From the rear of the panel, install the four round plastic standoffs over the bezel's threaded studs. Install the ACA5-20RM pc-board assembly as shown and then attach and securely tighten all four hex nuts. Use only the factory-supplied hardware as the use of substitute hardware could result in an unsafe installation and/or adversely affect the reliability of the ammeter. The recommended range of panel thickness that can be used with the supplied hardware is 0.040 inches (1.0mm) to 0.125 inches (3.2mm). Panel thickness outside of this range will require additional user-supplied hardware or modifications.
PANEL 0.032 (0.8) Thick Gasket Nut
Board-Cutout
Gasket Bezel
Standoff
Standoff 0.190 (4.83)
ACA5-20RM AC Ammeter
SIDE VIEW
BEZEL AND PANEL CUTOUT
0.187 (4.75) FRONT VIEW
Figure 3. Panel Installation
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
0.55 (13.97) INTERNAL CORNER RADII: 0.032 (0.81) MAX. 0.116 (2.95)
1.280 (32.51)
1.07 (27.18)
0.838 (21.29)
1.336 (33.93)
0.145 (3.68)
1.826 (46.38)
1.626 (41.30) 0.093 (2.362) DIAMETER (4 REQUIRED)
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MPM_ACA5-20RM.A01 Page 4 of 5
ACA5-20RM Series
True-rms-AC Ammeters with 5A CT Inputs
MECHANICAL SPECIFICATIONS
FRONT VIEW
2.100 (53.34)
100-10 M9 100-10 M9
1.400 (35.56)
BACK VIEW
A B TB1 CAL
Lead Length 2.0 (50.5) min. 0.35 (8.9) Diameter
SIDE VIEW
0.250 (6.35)
0.480 (12.19)
MECHANICAL DIMENSIONS: Inches (mm) TOLERANCES: 2 PL DEC 0.02 (0.51) 3 PL DEC 0.010 (0.254)
USA: Canada: UK: France: Germany: Japan: China: Singapore:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
01/27/09
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
www.murata-ps.com
MPM_ACA5-20RM.A01 Page 5 of 5


▲Up To Search▲   

 
Price & Availability of ACA5-20RM-3-AC4-RL-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X